Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950402 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS950402
Description  AMD - K8 System Clock Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950402 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS950402 Datasheet HTML 10Page - Integrated Circuit Systems ICS950402 Datasheet HTML 11Page - Integrated Circuit Systems ICS950402 Datasheet HTML 12Page - Integrated Circuit Systems ICS950402 Datasheet HTML 13Page - Integrated Circuit Systems ICS950402 Datasheet HTML 14Page - Integrated Circuit Systems ICS950402 Datasheet HTML 15Page - Integrated Circuit Systems ICS950402 Datasheet HTML 16Page - Integrated Circuit Systems ICS950402 Datasheet HTML 17Page - Integrated Circuit Systems ICS950402 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
ICS950402
0700B—04/30/04
Electrical Characteristics - CPUCLK
TA = 0 - 70°C; VDD=3.3V +/- 5%; CL = 20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
ZO
1
VO=VX
50
Ω
Output High Voltage
VOH2B
11.2
V
Output Low Voltage
VOL2B
0.4
V
Output Low Current
IOL2B
VOL = 0.3 V
18
mA
Duty Cycle
1
dt2B
1
VT = 50%
45
49
52
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = VX
0
70
200
ps
VDIFF
1,2
0.4
1.9
2.3
V
∆V
DIFF
1
-150
80
150
mV
VCM
1,2
1.45
1.6
1.85
V
∆V
CM
1
-200
45
200
mV
Notes:
1 - Guaranteed by design, not 100% tested in production.
2 - Test circuit: Rs=15
Ω, C
L=5pF, Vterm=100Ω between CPUT, CPUC
Differential Voltage, measured @ the
Hammer test load (single-ended
measurement)
Change in VDIFF_DC magnitude,
measured @ the Hammer test load
(single-ended measurement)
Common Mode Voltage, measured @
the Hammer test load (single-ended
measurement)
Change in Common Mode Voltage,
measured @ the Hammer test load
(single-ended measurement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com