Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8785GEDS/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
WM8785
Pre-Production
w
PP Rev 3.0 December 2005
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AINL+
Analogue Input
Left Channel Positive Input
2
AINL-
Analogue Input
Left Channel Negative Input
3
VREFGND
Analogue Reference
Negative Reference Connection
4
AVDD
Supply
Analogue Supply
5
AGND
Supply
Analogue Ground (return path for AVDD)
6
LRCLK
Digital Input / Output
Audio Interface Left / Right Clock
7
DOUT
Digital Output
ADC Digital Audio Data
8
BCLK
Digital Input / Output
Audio Interface Bit Clock
9
MCLK
Digital Input
Master Clock
10
NC
NC
No Connection
11
SCLK
Digital Input
Control Interface Clock Input / 2 wire output
12
SDIN
Digital Input / Output
Control Interface Data Input
13
CSB
Digital Input
Chip Select / Control Interface Format Selection / 3 wire address select
14
NC
NC
No connection
15
DVDD
Supply
Digital Supply
16
DGND
Supply
Digital Ground (return path for DVDD)
17
VMID
Analogue Output
Midrail Voltage Decoupling Capacitor
18
VREF
Analogue Reference
Reference Voltage Decoupling Capacitor
19
AINR-
Analogue Input
Right Channel Negative Input
20
AINR+
Analogue Input
Right Channel Positive Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com