Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Pre-Production
WM8785
w
PP Rev 3.0 December 2005
19
Figure 23 DSP/PCM Mode Audio Interface (mode A, LRP=0, Slave)
Figure 24 DSP/PCM Mode Audio Interface (mode B, LRP=1, Slave)
AUDIO INTERFACE CONTROL
The register bits controlling the audio interface are summarised below. Note that dynamically
changing the software format may cause erroneous operation of the interfaces and is therefore not
recommended.
All ADC data is 2’s complement. The length of the digital audio data is programmable at 16/20/24 or
32 bits, as shown below. The ADC digital filters process data using 24 bits. If the WM8785 is
programmed to output 16 or 20 bit data then it strips the LSBs from the 24 bit data. If the device is
programmed to output 32 bits then it packs the LSBs with zeros.
In master mode LRCLK and BCLK are generated on chip. In slave mode they are received from an
external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com