Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Pre-Production
WM8785
w
PP Rev 3.0 December 2005
17
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following an LRCLK
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRCLK transition.
Figure 18 Left Justified Audio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before an LRCLK
transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles after each LRCLK transition.
Figure 19 Right Justified Audio Interface (assuming n-bit word length)
In I
2S mode, the MSB is available on the second rising edge of BCLK following an LRCLK transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and
the MSB of the next.
Figure 20 I
2S Justified Audio Interface (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com