Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
WM8785
Pre-Production
w
PP Rev 3.0 December 2005
18
In DSP/PCM mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A)
rising edge of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRC output will resemble the frame pulse shown in Figure 21 and Figure
22. In device slave mode, Figure 23 and Figure 24, it is possible to use any length of frame pulse
less than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period
before the rising edge of the next frame pulse.
Figure 21 DSP/PCM Mode Audio Interface (mode A, LRP=0, Master)
Figure 22 DSP/PCM Mode Audio Interface (mode B, LRP=1, Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com