Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
WM8785
Pre-Production
w
PP Rev 3.0 December 2005
24
Figure 29 WM8785 in Time Division Multiplexing Left Justified Mode
Up to 4 devices (8 channels) can be supported, which would require 256 BCLKs per sample.
(whereas 128 BCLKs will allow only 2 devices, or 4 channels). The table below shows the range of
BCLK frequencies required.
BCLK RATE
DEVICES THAT CAN BE SUPPORTED
OVER-SAMPLE RATIOS
SUPPORTED (SET BY OSR)
64 fs
128 fs
192 fs
1
1, 2
1, 2
Single/dual/quad rates all supported
256 fs
1, 2, 3, 4
Single rate only supported
Table 6 Range of BCLK Frequencies Required
Note: MCLK frequency must always be greater or equal to BCLK frequency
To avoid bus contention all chips on the TDM should be programmed before DOUT is released after
power up (DOUT is held at vss for 32 samples after power-up). Alternatively SDODIS should be set
while devices are programmed (to tri-state DOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com