Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8785GEDS/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
w
WM8785
24-Bit, 192kHz Stereo ADC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre-Production, December 2005, Rev 3.0
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8785 is a stereo audio ADC with differential inputs
designed for high performance recordable media applications.
Data is provided as a PCM output.
Stereo 24-bit multi-bit sigma-delta ADCs are used with digital
audio output word lengths of 16 to 32 bits, and sampling rates
from 8kHz to 192kHz. The device has a selectable high pass
filter to remove residual DC offsets. The device also supports a
TDM bus for data out.
The device is controlled via a 2 or 3 wire serial interface. The
interface provides access to all features including oversampling
rate, audio format, powerdown, master/slave control and digital
signal manipulation. The device is supplied in a 20-lead SSOP
package.
FEATURES
•
SNR 111dB (‘A’ weighted @ 48kHz)
•
THD -102dB (at -0.1dB)
•
Sampling Frequency: 8 – 192kHz
•
2 or 3 Wire Microprocessor Control Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
-
I
2S, Left, Right Justified or DSP
-
16/20/24/32 bit Word Lengths
•
A TDM bus is supported for data out
•
Supply Voltages
-
Analogue 4.5 to 5.5V
-
Digital core: 2.7V to 3.6V
•
20-lead SSOP package
APPLICATIONS
•
Recordable DVD Players
•
Personal Video Recorders
•
High End Sound Cards
•
Studio Audio Processing Equipment
BLOCK DIAGRAM


Similar Part No. - WM8785GEDS/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8785GEDS/RV WOLFSON-WM8785GEDS/RV Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8785GEDS/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
24-Bit, 192kHz Stereo ADC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 CIRRUS-WM8786 Datasheet
1Mb / 27P
24-bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com