Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Pre-Production
WM8785
w
PP Rev 3.0 December 2005
7
Test Conditions
DVDD = 3.3V, AVDD = 5.0V, TA = +25
oC, 1kHz signal, A-weighted, fs = 48kHz, MCLK = 256fs, 24-bit audio data, Slave Mode
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
Analogue supply current
27
mA
Digital supply current
5
mA
Power Down
22
uA
Note:
1.
VMID is decoupled with 10uF and 0.1uF capacitors close to the device package. Smaller capacitors may reduce
performance.
TERMINOLOGY
1.
Signal-to-noise ratio (dB) – Ratio of output level with 1kHz full scale input, to the output level with all zeros into the
digital input, over a 20Hz to 20kHz bandwidth. (No Auto-zero or Automute function is employed in achieving these
results).
2.
Dynamic range (dB) - DR is a measure of the difference between the highest and lowest portions of a signal. Normally
a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB to it.
(e.g. THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) - THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
4.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.
5.
All performance measurements are done with a 20kHz low pass filter, and where noted an A-weight filter, except
where noted. Failure to use such a filter will result in higher THD+N and lower SNR and Dynamic Range readings than
are found in the Electrical Characteristics. The low pass filter removes out of band noise; although this is not audible,
it may affect dynamic specification values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com