Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/RV Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/RV
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/RV Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8785GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
WM8785
Pre-Production
w
PP Rev 3.0 December 2005
12
DIGITAL FILTER CHARACTERISTICS
The WM8785 digital filter characteristics scale with sample rate.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Sample Rate (Single Rate – 48KHz typically)
+/- 0.005dB
0
0.454fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.005
dB
Stopband
0.546fs
Stopband Attenuation
f > 0.546fs
-85
dB
Group Delay
32/fs
s
ADC Sample Rate (Dual Rate - 96kHz typically)
+/- 0.005dB
0
0.454fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.005
dB
Stopband
0.546fs
Stopband Attenuation
f > 0.546fs
-85
dB
Group Delay
32/fs
s
ADC Sample Rate (Quad Rate - 192kHz typically)
+/- 0.005dB
0
0.25fs
-3dB
0.45fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.005
dB
Stopband
0.75fs
Stopband Attenuation
f > 0.75fs
-85
dB
Group Delay
10/fs
s
-3dB
3.7
-0.5dB
10.4
High Pass Filter Corner
Frequency
-0.1dB
21.6
Hz
TERMINOLOGY
1.
Stop Band Attenuation (dB) - the degree to which the frequency spectrum is attenuated (outside audio band)
2.
Pass-band Ripple – any variation of the frequency response in the pass-band region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com