Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87782 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87782 Datasheet HTML 1Page - National Semiconductor (TI) PC87782 Datasheet HTML 2Page - National Semiconductor (TI) PC87782 Datasheet HTML 3Page - National Semiconductor (TI) PC87782 Datasheet HTML 4Page - National Semiconductor (TI) PC87782 Datasheet HTML 5Page - National Semiconductor (TI) PC87782 Datasheet HTML 6Page - National Semiconductor (TI) PC87782 Datasheet HTML 7Page - National Semiconductor (TI) PC87782 Datasheet HTML 8Page - National Semiconductor (TI) PC87782 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
www.national.com
General Description (continued)
Each PC87782 device has 16 kbytes of mask-programmed
ROM, 2,784 bytes of on-chip static RAM, a Host Interface, a
LAN Interface, a System Management (Access.bus) Inter-
face, a fan-speed timer, an A/D converter, a D/A converter,
WATCHDOG protection, and a set of general-purpose I/O
pins.
The PC87782 is available in 100-pin and 160-pin PQFP
packages. The 160-pin device provides development sup-
port and offers the additional ability to use off-chip memory
and I/O.
The PC87782 device is driven by a slow (32.768 kHz) oscil-
lator. An on-chip clock circuit generates a high-speed clock
to drive the device for normal operation, at a programmable
rate ranging from 4 MHz to 20 MHz. The device supports a
power save mode called the Idle mode, which is combined
with multi-source interrupt and wake-up capabilities.
Features (continued)
s I/O Features
— Up to 40 general-purpose I/O pins (shared with on-chip
peripheral I/O pins)
— Programmable I/O pin characteristics: TRI-STATE®
output, push-pull output, weak pull-up input, high-im-
pedance input
— Schmitt trigger inputs on all I/O ports
— External memory and I/O support in 160-pin device
s Power Supply
— 4.5V to 5.5V single-supply operation
s Temperature Range
— -40
°C to +85°C extended temperature range
s Package Types
— 160-pin PQFP
— 100-pin PQFP
s Development Support
— Real-time emulation and full program debug capabili-
ties supported by 160-pin device
— CompactRISC tool set provides C programming and
debugging support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com