Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87782 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87782 Datasheet HTML 9Page - National Semiconductor (TI) PC87782 Datasheet HTML 10Page - National Semiconductor (TI) PC87782 Datasheet HTML 11Page - National Semiconductor (TI) PC87782 Datasheet HTML 12Page - National Semiconductor (TI) PC87782 Datasheet HTML 13Page - National Semiconductor (TI) PC87782 Datasheet HTML 14Page - National Semiconductor (TI) PC87782 Datasheet HTML 15Page - National Semiconductor (TI) PC87782 Datasheet HTML 16Page - National Semiconductor (TI) PC87782 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
www.national.com
Table 8 PC87782 Detailed Memory Map (Sheet 1 of 3)
Starting Address
(hex)
Size
Contents
0000
32K Base Memory (ROM and/or RAM, depending on environment)
8000
24K Reserved
E000
512 LAN Receive Buffer RAM
EA90
2784 System RAM (EA90-F56F hex)
F800
128 LAN Transmit Buffer RAM
F900
byte BCFG, BIU Configuration Register
F902
word I/O Configuration Register
F904
word SZCFG0, Static Zone 0 Configuration Register
F906
word SZCFG1, Static Zone 1 Configuration Register
F910
byte MCFG, Module Configuration Register
F912
byte DBGCFG, Debug Configuration Register
F914
byte MSTAT, Module Status Register (read-only register)
F918
byte DBGFRZEN, Debug Freeze Enable Register
FB00
byte PBDIR, Port B Direction Register
FB02
byte PBDIN, Port B Data Input Register
FB04
byte PBDOUT, Port B Data Output Register
FB06
byte PBWKPU, Port B Weak Pull-Up Register
FB10
byte PCDIR, Port C Direction Register
FB12
byte PCDIN, Port C Data Input Register
FB14
byte PCDOUT, Port C Data Output Register
FB16
byte PCWKPU, Port C Weak Pull-Up Register
FC00
word LNIFCTL, LAN Interface Control Register
FC02
word LNRBFCTL, LAN Receive Buffer Control Register
FC02
word LNRXCTL, LAN Receive Control Register
FC04
word LNTXCTL, LAN Transmitter Control Register
FC08
word LNRFCR, LAN Receiver Filter Control Register
FC0A
word LNRFDR, LAN Receiver Filter Data Register
FC0C
word LNTXSTAT, LAN Transmitter Status Register
FC10
word LNIPND, LAN Interrupt Pending Register
FC12
word LNIEN, LAN Interrupt Enable Register
FC14
word LNICL, LAN Interrupt Clear Register
FC20
word LNMSGLEN0, LAN Message Length Register 0
FC22
word LNMSGSTAT0, LAN Message Status Register 0
FC24
word LNMSGLEN1, LAN Message Length Register 1
FC26
word LNMSGSTAT1, LAN Message Status Register 1
FC28
word LNMSGLEN2, LAN Message Length Register 2
FC2A
word LNMSGSTAT2, LAN Message Status Register 2
FC2C
word LNMSGLEN3, LAN Message Length Register 3
FC2E
word LNMSGSTAT3, LAN Message Status Register 3
FC40
byte RSTSTAT, Reset Status Register
FC60
byte PMCSR, Power Management Control/Status Register
FC80
byte WKEDG1, Wake-Up Edge Detection Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com