Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87782 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC87782 Datasheet HTML 3Page - National Semiconductor (TI) PC87782 Datasheet HTML 4Page - National Semiconductor (TI) PC87782 Datasheet HTML 5Page - National Semiconductor (TI) PC87782 Datasheet HTML 6Page - National Semiconductor (TI) PC87782 Datasheet HTML 7Page - National Semiconductor (TI) PC87782 Datasheet HTML 8Page - National Semiconductor (TI) PC87782 Datasheet HTML 9Page - National Semiconductor (TI) PC87782 Datasheet HTML 10Page - National Semiconductor (TI) PC87782 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
www.national.com
Device Pinouts
The PC87782 is available in 160-pin and a 100-pin packag-
es. Figure 2 and Figure 3 show the pin assignments for the
two package sizes, and Table 1, “PC87782 Signals (100-Pin
Package),” on page 6, shows the pin assignments for all
package types.
Pin Descriptions
The following tables describe the input pins, output pins, bi-
directional input/output pins, and power supply pins of the
PC87782. n these pin description tables, the following abbre-
viations are used to describe the pin types:
SCL
I/O
SMB clock signal
SDA
I/O
SMB data signal
SOFT_ON
Output
Software Control to Power Supply
TXD0-3
Output
MII Interface: Transmit Data nibble
TX_CLK
Input
MII Interface: Transmit Clock
TX_EN
Output
MII Interface: Transmit Enable
VID0-4
Input
Voltage Identifier Strap Inputs
VREF
Analog Input
A/D Reference Voltage.
AVCC
Power
Analog Supply for the on-chip A/D and D/A
VCC
Power (4)
Power Supply. +5 Volt supply
AGND
Power
Analog Ground for the on-chip A/D and D/A
GND
Power (4)
Ground for on-chip logic and output drivers
Table 1 PC87782 Signals (100-Pin Package)
Signal Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com