Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87782 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87782 Datasheet HTML 1Page - National Semiconductor (TI) PC87782 Datasheet HTML 2Page - National Semiconductor (TI) PC87782 Datasheet HTML 3Page - National Semiconductor (TI) PC87782 Datasheet HTML 4Page - National Semiconductor (TI) PC87782 Datasheet HTML 5Page - National Semiconductor (TI) PC87782 Datasheet HTML 6Page - National Semiconductor (TI) PC87782 Datasheet HTML 7Page - National Semiconductor (TI) PC87782 Datasheet HTML 8Page - National Semiconductor (TI) PC87782 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©1998 National Semiconductor Corporation
www.national.com
PC87782 CompactRISC Intelligent System Management
Controller
General Description
The PC87782 CompactRISC™ 16-bit Embedded Control-
ler is a highly integrated microcontroller designed for power
management applications in desktop Personal Computers
(PCs). The device is optimized for ACPI Power Manage-
ment, including multi-pattern Wake-up on LAN scanning;
and System Environment monitoring, including fan speed,
supply voltages, temperature and chassis intrusion. The
PC87782 incorporates National's CR16A CPU core (a
high-performance 16-bit RISC core), on-chip memories,
and system support functions.
The CR16A core offers the high performance of a RISC ar-
chitecture while retaining the advantages of a traditional
Complex Instruction Set Computer (CISC): compact code,
on-chip memory and I/O, and low cost. The CPU uses a
three-stage instruction pipeline that allows execution of up
to one instruction per clock cycle, or up to 20 million in-
structions per second (MIPS) at the maximum clock rate of
20 MHz.
Patent Pending.
Features
s CPU Features
— Fully static core, capable of operating at any rate
from 4 MHz to 20 MHz
— On-chip high-speed clock generator
— Multi-source vectored interrupts (internal, external,
and on-chip peripheral)
— On-chip power-on reset
s On-Chip Memory
— 32K mask-programmed ROM program memory
— 2,784 bytes of static RAM data memory
s On-Chip Peripherals
— Host Interface to PC (ISA and ACPI 1.0 compatible)
— 10/100 LAN Interface to monitor network traffic for
PC wake-up on LAN activity
— Fan-Speed Timer to monitor cooling fans
— System Management (ACCESS.bus) Interface, a 2-
wire serial interface compatible with Intel’s SMBus
and Phillips’ I2C bus
— 8-channel, 8-bit Analog-to-Digital (A/D) converter
— 8-bit Digital-to-Analog (D/A) converter
— Integrated WATCHDOG™ logic
System Diagram
CR16A
Core
RAM
ROM
Core Bus
Peripheral Bus
Bus
Adaptor
32.768KHz
EC and PM
Host I/F
Processing
Unit
ICU
HF & LF
Generator
Clock
Power
Management
WATCHDOG
A/D
I/O Ports
Reset &
Configuration
Fan Speed
Counter
SMB Bus Ifc
Host Port
LAN
Registers
MII Standard
Interface
SMB Serial
Interface
Fan Inputs
NAND
Test
System
Events
GPIO
Analog
Channels
Multi-Input
Wake-Up
PFAIL
D/A
Interface
PRELIMINARY
March 1998
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
CompactRISC™ and WATCHDOG™ are trademarks of National Semiconductor Corporation.


Similar Part No. - PC87782

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87108 NSC-PC87108 Datasheet
69Kb / 2P
Advanced UART and Infrared Controller
PC87108AVHG NSC-PC87108AVHG Datasheet
426Kb / 56P
Advanced UART and Infrared Controller
PC87108AVJE NSC-PC87108AVJE Datasheet
426Kb / 56P
Advanced UART and Infrared Controller
PC87108VHG NSC-PC87108VHG Datasheet
69Kb / 2P
Advanced UART and Infrared Controller
PC87108VJE NSC-PC87108VJE Datasheet
69Kb / 2P
Advanced UART and Infrared Controller
More results

Similar Description - PC87782

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
Complete Thermal and System Management Controller
3/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
Color Management System Feedback Controller
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
Color Management System Feedback Controller
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Epson Company
S1S60000 EPSON-S1S60000 Datasheet
114Kb / 2P
Intelligent Network Controller for Embedded System
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
System Management and Illumination Controller
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
TPS99001-Q1 System Management Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com