Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87782 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87782 Datasheet HTML 2Page - National Semiconductor (TI) PC87782 Datasheet HTML 3Page - National Semiconductor (TI) PC87782 Datasheet HTML 4Page - National Semiconductor (TI) PC87782 Datasheet HTML 5Page - National Semiconductor (TI) PC87782 Datasheet HTML 6Page - National Semiconductor (TI) PC87782 Datasheet HTML 7Page - National Semiconductor (TI) PC87782 Datasheet HTML 8Page - National Semiconductor (TI) PC87782 Datasheet HTML 9Page - National Semiconductor (TI) PC87782 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
www.national.com
Table 1 PC87782 Signals (100-Pin Package)
Signal Name
Type
Function
32KCLKIN
Input
32.768 KHz Oscillator Clock Input
32KX2
Oscillator
32.768 KHz Crystal Oscillator Interface
AMP0
Analog In
Negative Voltage to Port I0 A/D op-amp
AMP1
Analog In
Negative Voltage to Port I1 A/D op-amp
CLK
Output
CPU Clock Output
COL
Input
MII Interface: Collision Detect
CRS
Input
MII Interface: Carrier Sense
DAOUT
Analog Out
D/A Converter Output
ENV0-1
Input
Environment select strap inputs
FAN1
Input
Fan Speed Timer Input 1
FAN2
Input
Fan Speed Timer Input 2
FAN3
Input
Fan Speed Timer Input 3
HA
Input
Host Address line: Distinguishes Commands from Data bytes.
HCSA
Input
Chip Select for Host Interface A
HCSB
Input
Chip Select for Host Interface B
HD0-7
I/O
Bidirectional Data bus used to interface the PC87782 to the peripheral data bus
of a host.
EXHFCLK
Input
For factory test purposes only. Must be pulled permanently high in end
applications.
HIOR
Input
Host I/O Read. Active-low input to signal data read by the host processor.
HIOW
Input
Host I/O Write signal which enables a write operation to the PC87782 through
HD0-7.
HMR
Input
Host Master Reset. Indicates state of Host system.
HPWRON
Input
Host Power On Indication.
IN0-1
Output
LAN Receiver Buffer Management: IN pointer
IRQA
Output
Interrupt A. Signals an interrupt on host channel A.
IRQB
Output
Interrupt B. Signals an interrupt on host channel B.
LOSTPKT
Output
LAN Receiver: Buffer Overflow
MAC_ISOL
Output
Isolates MII from standard LAN MAC when low.
NANDEN
Input
NAND Test Enable / ISE TRI-STATE Control
NTEST
Output
NAND Test Output
OUT0-1
Output
LAN Receiver Buffer Management: OUT pointer
PB0-7
I/O
Port B, bits 0 through 7
PC0-7
I/O
Port C, bits 0 through 7
PF0-7
I/O
Port F, bits 0 through 7
PFAIL
Input
Power Fail (Non-Maskable Interrupt) Input
PI0-7
Analog I/O
Port I A/D converter Analog Inputs. PI0 and PI1 can be configured as analog
feedback outputs for inputs AMP0 and AMP1, respectively.
PL0-7
!/O
General-purpose Wake-Up inputs for RING, CHASSIS, SWIN, BTI and other
events.
RESET
Input
Master Reset to PC87782 device
RXD0-3
Input
MII Interface: Received Data nibble
RX_CLK
Input
MII Interface: Receiver Clock
RX_DV
Input
MII Interface: Receiver Data Valid
RX_ER
Input
MII Interface: Received Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com