Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87782 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87782 Datasheet HTML 8Page - National Semiconductor (TI) PC87782 Datasheet HTML 9Page - National Semiconductor (TI) PC87782 Datasheet HTML 10Page - National Semiconductor (TI) PC87782 Datasheet HTML 11Page - National Semiconductor (TI) PC87782 Datasheet HTML 12Page - National Semiconductor (TI) PC87782 Datasheet HTML 13Page - National Semiconductor (TI) PC87782 Datasheet HTML 14Page - National Semiconductor (TI) PC87782 Datasheet HTML 15Page - National Semiconductor (TI) PC87782 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
www.national.com
Memory Map
The CompactRISC architecture supports a uniform linear ad-
dress space of 256K bytes. The PC87782 implementation of
this architecture uses only the lowest 128K bytes of address
space, ranging from 00000 to 1FFFF hex. The remaining
128K bytes (20000 to 3FFFF hex) are not used by the device.
Table 7 is a memory map showing the types of memory and
peripherals that occupy this memory space. Address ranges
not listed in the table are reserved and should not be read or
written.
Table 8 is a detailed memory map showing the specific mem-
ory address of the memory, I/O ports, and registers. The ta-
ble shows the starting address, the size, and a brief
description of each memory block and register. For detailed
information on using these memory locations, see the appli-
cable sections in the data sheet.
All addresses not listed in the table are reserved and should
not be read or written. An attempt to access an unlisted ad-
dress will have unpredictable results.
Each byte-wide register occupies a single address and can
be accessed only in a byte-wide transaction. Each word-wide
register occupies two consecutive memory addresses and
can be accessed only in a word-wide transaction. Both the
byte-wide and word-wide registers reside at word boundaries
(even addresses). Thus, each byte-wide register uses only
the lowest eight bits of the internal data bus.
Most PC87782 registers are read/write registers. However,
some registers are read-only or write-only, as indicated in the
table. An attempt to read a write-only register or to write a
read-only register will have unpredictable results.
When the software writes to a register in which one or more
bits are reserved, it must write a zero to each reserved bit un-
less indicated otherwise in the description of the register.
Reading a reserved bit returns an undefined value.
SCL
OD-TTL
1
ACCESS.bus Serial Clock signal
SDA
OD-TTL
1
ACCESS.bus data signal
Table 6 Power Supply
Signal
Pin Number
No. of
Sig Pins
Function
100-pin
160-pin
AVCC
1
Analog 5V power supply.
VCC
4
Digital 5V power supply.
AGND
1
Analog ground, for A/D and D/A.
GND
4
Ground for on-chip logic and output drivers.
VCC
N/A
2
Digital 5V power supply.
GND
N/A
8
Ground for on-chip logic and output drivers.
Table 5 Input/Output Pins
Signal
Type
Pin Number
No. of
Sig Pins
Function
100-pin
160-pin
Table 7 PC87782 Memory Map
Address (hex) Size
Description
BIU Zone
00000
− 07FFF 32K Base Memory
Zone 0
08000
− 0DFFF 24K Reserved
0E000
− 0E1FF 512 LAN Receive Buffer
RAM
N/A
0EA90
− 0F56F 2784 System RAM
0F800
− 0F87F 128 LAN Transmit Buffer
RAM
0F900
− 0F98F
BIU Registers
0FB00
− 0FBFF 256 I/O Expansion
0FC00
− 0FFFF
On-chip module
registers
10000
− 1FFFF 64K Off-Chip Memory
Zone1
(IRD
mode
only)
20000
− 3FFFF 120K Reserved
Zones 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com