Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87782 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87782 Datasheet HTML 9Page - National Semiconductor (TI) PC87782 Datasheet HTML 10Page - National Semiconductor (TI) PC87782 Datasheet HTML 11Page - National Semiconductor (TI) PC87782 Datasheet HTML 12Page - National Semiconductor (TI) PC87782 Datasheet HTML 13Page - National Semiconductor (TI) PC87782 Datasheet HTML 14Page - National Semiconductor (TI) PC87782 Datasheet HTML 15Page - National Semiconductor (TI) PC87782 Datasheet HTML 16Page - National Semiconductor (TI) PC87782 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
www.national.com
FC82
byte WKENA1, Wake-Up Enable Register 1
FC86
byte WKPND1, Wake-Up Pending Register 1 (read/set register)
FC88
byte WKCL1, Wake-Up Pending Clear Register 1 (write-only register)
FCA0
byte WKEDG2, Wake-Up Edge Detection Register 2
FCA2
byte WKENA2, Wake-Up Enable Register 2
FCA6
byte WKPND2, Wake-Up Pending Register 2 (read/set register)
FCA8
byte WKCL2, Wake-Up Pending Clear Register 2 (write-only register)
FD00
byte FSCNTL, Fan-Speed Control Register
FD02
byte FSCNTR, Fan-Speed Counter Register
FD04
byte FSDBG, Fan-Speed Debug Register
FD20
byte PFALT, Port F Alternate Function Register
FD22
byte PFDIR, Port F Direction Register
FD24
byte PFDIN, Port F Data Input Register
FD26
byte PFOUT, Port F Data Output Register
FD28
byte PFWKPU, Port F Weak Pull-Up Register
FE00
byte IVCT, Interrupt Vector Register (read-only)
FE02
byte NMISTAT, NMI Status Register (read-only)
FE04
byte EXNMI, External NMI Control/Status Register
FE0A
byte ISTAT0, Interrupt Status Register 0 (read-only)
FE0C
byte ISTAT1, Interrupt Status Register 1 (read-only)
FE0E
byte IENAM0, Interrupt Enable and Mask Register 0
FE10
byte IENAM1, Interrupt Enable and Mask Register 1
FEA0
byte HICTRL, Host Interface Control Register
FEA2
byte HIIRQC, Host Interface IRQ Control Register
FEA4
byte HISEST, Host Interface System Environment Status Register
FEA6
byte HISEDO Host Interface System Environment Data Out Buffer (write-only)
FEAA
byte HISEDI, Host Interface System Environment Data In Buffer (read-only)
FEAC
byte HIPMST, Host Interface Power Management Port Status Register
FEAE
byte HIPMDO, Host Interface Power Management Data Out Buffer (write-only)
FEB0
byte HIPMDI, Host Interface Power Management Data In Buffer (read-only)
FEC0
byte ACBSDA, ACB Serial Data Register
FEC2
byte ACBST, ACB Status Register (read-only)
FEC4
byte ACBCST, ACB Control Status Register
FEC6
byte ACBCTL1, ACB Control 1 Register
FEC8
byte ACBADDR, ACB Own Address Register
FECA
byte ACBCTL2, ACB Control 2 Register
FEE2
byte PIDIR, Port I Direction Register
FEE4
byte PIDIN, Port I Data Input Register
FEE6
byte PIOUT, Port I Data Output Register
FEE8
byte PIWKPU, Port I Weak Pull-Up Register
FF00
byte PLALT, Port L Alternate Function Register
FF02
byte PLDIR, Port L Direction Register
Table 8 PC87782 Detailed Memory Map (Sheet 2 of 3)
Starting Address
(hex)
Size
Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com