Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87782 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782
Description  CompactRISC Intelligent System Management Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87782 Datasheet HTML 1Page - National Semiconductor (TI) PC87782 Datasheet HTML 2Page - National Semiconductor (TI) PC87782 Datasheet HTML 3Page - National Semiconductor (TI) PC87782 Datasheet HTML 4Page - National Semiconductor (TI) PC87782 Datasheet HTML 5Page - National Semiconductor (TI) PC87782 Datasheet HTML 6Page - National Semiconductor (TI) PC87782 Datasheet HTML 7Page - National Semiconductor (TI) PC87782 Datasheet HTML 8Page - National Semiconductor (TI) PC87782 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
www.national.com
Device Overview
The PC87782 is a microcontroller with all system interfaces,
interrupt logic, program memory, data memory, and I/O ports
included on-chip, making it well-suited to PC monitoring ap-
plications. The block diagram on the page 1 of the data sheet
shows the major on-chip components of the PC87782. Fig-
ure 1 shows a connection diagram of the PC87782 to the PC
system.
Figure 1. PC87782 Stand-Alone System Connection
or
CLOCK
PC87782
HMR
HA
HD0-7
HIOR
HIOW
PB5-7
PC1-7
CRYSTAL
32.768 kHz
AVCC, AGND, Vref
VCC (4)
GND (4)
POWER
SUPPLY
System
HCSA
HCSB
Configuration
Inputs
HPWRON
PC0
FAN3
FAN2
FAN1
PI 2-7
Analog Inputs (6)
PI 0
AMP0
PI 1
AMP1
-12V Monitor
and Feedback
-5V Monitor
and Feedback
SCL
SDA
PB0-4
VID Inputs
General-Purpose
Input/Output Pins
PL0-7
CHASSIS
RING
Other(6): BTI,
SOFT_ON
RX_CLK
RX_DV
RX_ER
RXD0-3
TXD0-3
TX_CLK
TX_EN
COL
CRS
MAC_ISOL
Fan Inputs
PFAIL
NTEST
NAND Test
Output
Power Fail
Interrupt (NMI)
(MIWU)
Management
Bus (SMB)
IRQA
IRQB
SWIN, etc.
RESET
Chip Reset
PC3
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
IN0
IN1
OUT0
OUT1
LOSTPKT
Receive
Buffer Mgmt.
Status
(All pulled high for
normal operation)
DAOUT
Analog Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com