Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1I Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 12Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 13Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 14Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 15Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 16Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 17Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 18Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 19Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
15 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
The device provides a 4Kbit eFuse memory to store the configuration and advertising data packet
information. The eFuse memory is organized as 256 16-bit words. The data in the eFuse memory
is broken into 4 regions.
-
Region 1 contains the commonly used configuration data, which is predefined and has
fixed length.
-
Region 2 contains more flexible configuration data, specified through register read/write
based on different trigger conditions. This region has a user-defined length and is
application-dependent.
-
Region 3 contains the data that needs to be transmitted and how the data is transmitted.
It also has a user-defined length and is application-dependent.
-
Region 4 contains the instruction definition of the I2C protocols and is application
dependent.
Region 2, 3 and 4 are optional and they may not be present. The presentation of the Region 2, 3
and 4 are specified in the region 1.
Table 3:eFuse memory structure definition overview
Region
Description
Length
1
Commonly used configuration data.
Fixed
2
More flexible configuration data through register
read/write.
Application dependent
3
Data to be transmitted and how the data is
transmitted.
Application dependent
4
I2C instruction definition
Application dependent
The detailed content of the regions of the eFuse memory can be automatically generated by
NanoBeacon Config PC GUI according to user’s configuration and application.
NOTE that the eFuse memory can only be programmed once. Bits in the eFuse memory can only
be written to 1 by the programmer and cannot be cleared to 0 afterwards.
3.4. SRAM
The device has an on-chip 4KB SRAM which can be used for advertising control and data storage.
The content of the SRAM can be dynamically changed or updated by the external MCU.
3.5. Advertising control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com