Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1I Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 22Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 23Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 24Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
25 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Figure 10: Load switch pins
These switches can be automatically turned on or off when the sensor ADC is measuring external
analog signals through a mixed-signal GPIO pin or when the pulse counting/PWM detection logic
is running to count pulses on the GPIO pins.
4.6. Random number generator
A 64-bit random number generator based on a linear feedback shift register (LFSR) is provided.
The initial value of the LFSR is obtained from the least-significant bits of multiple sensor ADC
channels and the initial value from the SRAM readout. The random values can be used in resolvable
and non-resolvable address generation or the random number value in an advertising packet
payload.
4.7. Timers (Always-on domain)
A 32-bit count-down timer and a 64-bit count-up timer are provided in the always-on power
domain running with the 32kHz sleep clock. The 64-bit count-up timer value can be converted to
units of 0.1s, 1s or customized unit values.
Another 32-bit watch dog timer is also provided which can be used to reset the device upon
expiration.
4.8. Sleep and wake-up settings
Once VCC power is provided and the CHIP_EN pin is asserted, the device will start working
according to the eFuse memory settings. If there is no valid eFuse memory settings present, an
external MCU can control and configure the device through the UART interface.
The device can go to sleep automatically after event checking or transmission based on
configuration. In this mode, the chip will also automatically wake itself up after the given time.
During sleep, the contents of the 4Kbyte memory will be retained. If automatic sleep is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com