Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1I Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 23Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 24Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
26 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
configured, the device can also be put to sleep mode through a UART command. The user can
wake up the device through a configured GPIO input.
4.9. Power management
4.9.1. Power supply
IN100’s on-chip PMU supports a wide supply voltage range from 1.1V to 3.6V (Figure 11).
Figure 11 : Power management generates 2 domains (AON & DOOPD) from VCC
Power domain: There are two power domains, AON and DOOPD.
AON (Always ON domain): The AON domain includes an always-on LDO for the power supply, the
32kHz clock, a timer, and retention of data in the 4KB SRAM. The AON logic is powered by the AON
LDO and its clock frequency is 32kHz. The 32kHz clock can be from an internal RC clock source or
an external clock source such as a 32kHz RTC clock. The AON logic has a sleep timer inside, which
can wake up the DOOPD (Dynamic On and Off Power Domain).
DOOPD (Dynamic On and Off Power Domain): The DOOPD consists of the GFSK modulator and RF
transmitter, eFuse OTP memory, SRAM, the security engine and the peripherals.
Power operation modes:
Sleep mode: Only the AON domain is on. The DOOPD domain is shut down.
Active Mode: Both power domains are on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com