Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1I Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 41Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 42Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 43Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 44Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 45Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 46Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 47Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 48Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 49Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
47 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
10. Ordering Information
Contains information on IC marking, ordering codes, and package sizes.
Table 22 : Ordering information
Ordering part number
Package
IN100-D1-R-RC1I
DFN8 2.5X2.5X0.75mm (-40°C ~ +85°C)
IN100-D1-R-YC1I
DFN8 2.5X2.5X0.55mm (-40°C ~ +85°C)
IN100-Q1-R-RC1I
QFN18 3X3X0.75mm (-40°C ~ +85°C)
IN100-Q1-R-YC1I
QFN18 3X3X0.55mm (-40°C ~ +85°C)
IN100-D1-R-RC1F
DFN8 2.5X2.5X0.75mm (-40°C ~ +125°C)
IN100-D1-R-YC1F
DFN8 2.5X2.5X0.55mm (-40°C ~ +125°C)
IN100-Q1-R-RC1F
QFN18 3X3X0.75mm (-40°C ~ +125°C)
IN100-Q1-R-YC1F
QFN18 3X3X0.55mm (-40°C ~ +125°C)
10.1. Box package dimension
Defined here are the device package size for reel, inner box and outer box.
Table 23 : Size for reel inner box and outer box
Package
Reel size
QTY / Reel
QTY / Inner box
QTY / Outer box
QFN
13”
5,000
5,000
50,000
DFN
13”
5,000
5,000
50,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com