Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1I Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 31Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 32Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 33Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 34Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 35Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 36Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
32 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Parameter
Description
Power output
Maximum of +5dBm with adjustable settings
Output matching network
On-chip matching network
The 2.4GHz RF signal is transmitted through the RF_TX Pin as shown in Figure 17. An on-chip
matching network has been implemented to minimize the number of external components. There
is only one power supply pin (VCC) for the 2.4GHz transmitter, and an on-chip LDO brings that
voltage level to the nominal 1.2V level used by the radio frequency sub-system. The transmitter
needs a 26.0MHz crystal oscillator reference. To reduce BOM cost, the CL (the load capacitance)
for the crystal is integrated on-chip. The on-chip CL can be programmed with registers from
0.5pF to 8pF in 0.5pF steps.
Figure 17 : RF sub-system interface
5. Electrical Characteristic
5.1. Absolute maximum ratings
The values listed in this section are ratings that can be tolerated for a short time by the device,
but not sustained without causing irreparable damage to the device.
Table 14 : Absolute maximum ratings
Description
Comments
Min.
Max.
Unit
Supply voltage (VCC)
-0.3
3.9
V
Digital GPIO input
All digital GPIO pins
-0.3
VCC+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com