Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1I Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 31Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 32Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 33Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 34Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
30 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Table 11 : 26MHz RC oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Oscillation frequency Programmable with 1MHz
resolution
16
26
48
MHz
Temperature
coefficient
TBD (-
0.15)
%/°C
4.10.4. XO clock
The XO clock is the high-frequency, high-precision clock source for 26MHz operation. The XO
clock is sourced from an external 26MHz crystal as shown in Figure 15. The XO is controlled by the
AON power state and is enabled by default after cold boot. This clock can be divided down to
13MHz, 2MHz and 1MHz upon the DOOPD requirements.
Clock performance reported below was measured at the following condition: Ta = 25°C, VCC=3.0V,
unless otherwise noted.
Table 12 : 26MHz crystal oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Crystal frequency
26
MHz
Crystal frequency
tolerance
-40
40
ppm
ESR
60
100
ohm
Lm, motional
inductance
(*1)
17
20
mH
Figure 15 : XO clock source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com