Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1I Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 20Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 21Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 22Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 23Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 24Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
23 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Figure 3 and Table 1. In addition, the ADC can be used to measure the internal VCC (shown as VBAT
in Figure 9) voltage level or the chip temperature. The required voltage reference (VREF) to the
ADC can be selected from multiple sources, including an on-chip 0.8V reference (V0P8), the VCC
voltage divided by 2, or external channels. The VREF shall not exceed 0.8V. The input voltage
range to the ADC shall be between 0V and 2*VREF.
Figure 9 : Sensor ADC block diagram
4.4.1. On-chip VCC monitoring
Measured at: Ta = 25°C, VCC=3.0V, unless otherwise noted (if On-chip VCC monitoring is used,
VCC should not be greater than 3.0V).
Table 6 : VCC monitoring characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Resolution
Using on-chip V0P8 as
reference
1.85
mV/LSB
Range
Input to ADC = 0.4*VCC.
Input range of ADC is 0V -
1.6V (FS).
1
3.6
V
Accuracy
With VREF calibration only
-3.3
1.1
3.3
%
With ADC offset and VREF
calibration
-0.9
0.3
0.9
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com