Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-RC1I Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 31Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 32Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 33Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 34Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 35Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
31 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cm, motional
capacitance
(*1)
2.2
3
fF
CL crystal load
capacitance
(*1), differential
6
8
pF
C0
(*1)
0.7
3
pF
On-chip CL
Differential, programmable in
0.5pF steps
0.5
8
pF
Start-up time
500
1000
us
Note: Crystal data sheet must meet these requirements.
4.11. eFuse memory programming (OTP)
eFuse (OTP memory) programming requires a 3.3V power supply to the device VDDQ pin, and
feeding the data through the UART port, as shown in
Figure 16.
Figure 16 : eFuse memory programming process
4.12. Radio frequency sub-system
The device incorporates a 2.4GHz ISM frequency band radio and GFSK modulator capable of
transmitting Bluetooth Low Energy 5 compliant advertising packets.
Table 13 : RF sub-system overview
Parameter
Description
Frequency band
2.4GHz ISM or medRadio-band
Data rate
125Kbps or 1Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com