Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NONMAGNETICREFSOLD Datasheet(PDF) 5 Page - Vishay Siliconix

Part # NONMAGNETICREFSOLD
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NONMAGNETICREFSOLD Datasheet(HTML) 5 Page - Vishay Siliconix

  NONMAGNETICREFSOLD Datasheet HTML 1Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 2Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 3Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 4Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 5Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 6Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 7Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 8Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
VJ Non-Magnetic Series for Reflow Soldering
www.vishay.com
Vishay Vitramon
Revision: 15-Jan-2021
5
Document Number: 45227
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
•• Paper tape • Plastic tape
SELECTION CHART
DIELECTRIC
C0G (NP0)
STYLE
VJ1206
VJ1210
CASE CODE
1206
1210
VOLTAGE (VDC)
16
25
50
100
200
500
600
25
50
100
200
500
VOLTAGE CODE
J
X
A
B
C
E
N
X
A
B
C
E
CAP. CODE
CAP.
1R0
1.0 pF
1R2
1.2 pF
1R5
1.5 pF
1R8
1.8 pF
2R2
2.2 pF
2R7
2.7 pF
3R3
3.3 pF
3R9
3.9 pF
4R7
4.7 pF
5R6
5.6 pF
6R8
6.8 pF
8R2
8.2 pF
100
10 pF
120
12 pF
150
15 pF
180
18 pF
220
22 pF
270
27 pF
330
33 pF
390
39 pF
470
47 pF
560
56 pF
680
68 pF
820
82 pF
101
100 pF
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
391
390 pF
471
470 pF
561
560 pF
681
680 pF
821
820 pF
102
1.0 nF
122
1.2 nF
152
1.5 nF
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
682
6.8 nF
822
8.2 nF
103
10 nF
123
12 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com