Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NONMAGNETICREFSOLD Datasheet(PDF) 15 Page - Vishay Siliconix

Part # NONMAGNETICREFSOLD
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NONMAGNETICREFSOLD Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button NONMAGNETICREFSOLD Datasheet HTML 9Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 10Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 11Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 12Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 13Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 14Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 15Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 16Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
VJ Non-Magnetic Series for Reflow Soldering
www.vishay.com
Vishay Vitramon
Revision: 15-Jan-2021
15
Document Number: 45227
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NON-MAGNETIC X7R DIELECTRIC - TYPICAL PARAMETERS
IMPEDANCE VS. FREQUENCY 500 V/630 V
FREQUENCY (MHz)
0.01
0.1
1
10
100
1000
100
10
1
0.1
0.01
1 µF
0.1 µF
0.01 µF
IMPEDANCE VS. FREQUENCY 2000 V
FREQUENCY (MHz)
0.1
1000
1
10
100
1000
100
10
1
4.7 nF 2.2 nF
1 nF
0
10
20
30
40
50
60
70
80
90
100
0
- 15
- 20
- 25
- 30
- 10
5
5
25 V
RATED
50 V
100 V
VOLTAGE COEFFICIENT OF CAPACITANCE
DC VOLTS APPLIED
RATED
RATED
DC VOLTS APPLIED
10
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
VOLTAGE COEFFICIENT OF CAPACITANCE
LOWER CAPACITANCE
0
100
200
300
400
500
600
700
Case Size
1206
1210
1808
1812
Range
100 pF to 4700 pF
390 pF to 10 000 pF
470 pF to 18 000 pF
1000 pF to 27 000 pF
VOLTAGE COEFFICIENT OF CAPACITANCE
DC VOLTS APPLIED
0
500
1000
1500
2000
2500
10
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
1000 V/1500 V RATED
2000 V RATED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com