Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NONMAGNETICREFSOLD Datasheet(PDF) 13 Page - Vishay Siliconix

Part # NONMAGNETICREFSOLD
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NONMAGNETICREFSOLD Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button NONMAGNETICREFSOLD Datasheet HTML 9Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 10Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 11Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 12Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 13Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 14Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 15Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 16Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VJ Non-Magnetic Series for Reflow Soldering
www.vishay.com
Vishay Vitramon
Revision: 15-Jan-2021
13
Document Number: 45227
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NON-MAGNETIC C0G (NP0) DIELECTRIC - TYPICAL PARAMETERS
- 75 - 50 - 25
0
50
100 125
2.0
1.5
1.0
0.5
0.0
- 0.5
- 1.0
- 1.5
- 2.0
NP0
TEMPERATURE °C
150 175
25
75
TEMPERATURE COEFFICIENT OF CAPACITANCE
TEMPERATURE °C
MIN. INSULATION RESISTANCE VS. TEMPERATURE
10
25
100 125
10 000
1000
100
10
AGING RATE
HOURS
100
1000
10 000
0.2
0.1
0.0
- 0.1
- 0.2
110
0
100 200
300 400 500
600 700
800 900 1000
10
0
- 20
- 30
VOLTAGE COEFFICIENT OF CAPACITANCE
DC VOLTS APPLIED
- 10
20
30
CHANGE OF CAPACITANCE WITH FREQUENCY
FREQUENCY
1 kHz
10 kHz
100 kHz
1 MHz
2
1
0
- 1
- 2
DISSIPATION FACTOR VS. FREQUENCY
FREQUENCY
1 kHz
10 kHz
100 kHz
1 MHz
0.00025
0.0005
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com