Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NONMAGNETICREFSOLD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NONMAGNETICREFSOLD
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NONMAGNETICREFSOLD Datasheet(HTML) 1 Page - Vishay Siliconix

  NONMAGNETICREFSOLD Datasheet HTML 1Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 2Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 3Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 4Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 5Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 6Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 7Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 8Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
VJ Non-Magnetic Series for Reflow Soldering
www.vishay.com
Vishay Vitramon
Revision: 15-Jan-2021
1
Document Number: 45227
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Multilayer Ceramic Chip Capacitors
for Non-Magnetic Applications (Reflow Soldering)
FEATURES
• Manufactured with non-magnetic materials
• Safety screened for magnetic properties
•C0G (NP0) and X7R / X5R dielectrics
• Wide range of case sizes, voltage ratings,
and capacitance values
• Suitable for reflow assembly methods
• Wet built process
• Reliable Noble Metal Electrode (NME) system
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Magnetic Resonance Imaging (MRI)
• Medical test and diagnostic equipment
• Laboratory analysis systems
• Navigation and electronic test equipment
• Audio amplifiers
ELECTRICAL SPECIFICATIONS
NON-MAGNETIC C0G (NP0)
GENERAL SPECIFICATION
Note
Electrical characteristics at +25 °C unless otherwise specified
Operating Temperature: -55 °C to +125 °C
Capacitance Range: 1.0 pF to 39 nF
Voltage Range: 10 VDC to 3000 VDC
Temperature Coefficient of Capacitance (TCC):
0 ppm/°C ± 30 ppm/°C from -55 °C to +125 °C
Dissipation Factor (DF):
0.1 % maximum at 1.0 VRMS and
1 MHz for values
≤ 1000 pF
0.1 % maximum at 1.0 VRMS and
1 kHz for values > 1000 pF
Insulating Resistance:
at +25 °C 100 000 M
Ω min. or 1000 ΩF whichever is less
at +125 °C 10 000 M
Ω min. or 100 ΩF whichever is less
Aging: 0 % maximum per decade
Dielectric Strength Test:
performed per method 103 of EIA 198-2-E.
Applied test voltages
≤ 200 VDC-rated:
250 % of rated voltage
500 VDC-rated:
200 % of rated voltage
630 VDC, 1000 VDC-rated:
150 % of rated voltage
1500 VDC to 3000 VDC-rated:
120 % of rated voltage
NON-MAGNETIC X7R / X5R
GENERAL SPECIFICATION
Note
Electrical characteristics at +25 °C unless otherwise specified
Operating Temperature: -55 °C to +125 °C
Capacitance Range: 100 pF to 6.8 μF
Voltage Range: 6.3 VDC to 3000 VDC
Temperature Coefficient of Capacitance (TCC):
X5R: ± 15 % from -55 °C to +85 °C, with 0 VDC applied
X7R: ± 15 % from -55 °C to +125 °C, with 0 VDC applied
Dissipation Factor (DF):
≤ 6.3 V, 10 V ratings: 5 % maximum at 1.0 VRMS and 1 kHz
16 V, 25 V ratings: 3.5 % maximum at 1.0 VRMS and 1 kHz
≥ 50 V ratings: 2.5 % maximum at 1.0 VRMS and 1 kHz
Insulating Resistance:
at +25 °C 100 000 M
Ω min. or 1000 ΩF whichever is less
at +125 °C 10 000 M
Ω min. or 100 ΩF whichever is less
Aging Rate: 1 % maximum per decade
Dielectric Strength Test:
performed per method 103 of EIA 198-2-E.
Applied test voltages
≤ 200 VDC-rated:
250 % of rated voltage
500 VDC-rated:
min. 150 % of rated voltage
630 VDC, 1000 VDC-rated:
min. 120 % of rated voltage
1500 VDC, 3000 VDC-rated:
120 % of rated voltage


Similar Part No. - NONMAGNETICREFSOLD

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
NON-1 COOPER-NON-1 Datasheet
279Kb / 4P
NON (250V) 1??-600A, General Purpose Fuses
logo
Eaton All Rights Reserv...
NON-1 EATON-NON-1 Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
NON-1-1/2 EATON-NON-1-1/2 Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
NON-1-1/4 EATON-NON-1-1/4 Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
NON-1-6/10 EATON-NON-1-6/10 Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
More results

Similar Description - NONMAGNETICREFSOLD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10365 NXP-AN10365 Datasheet
512Kb / 31P
Surface mount reflow soldering
Rev. 6-30 July 2012
logo
Vishay Siliconix
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
27-Mar-13
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
06-May-13
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
15-May-12
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
23-Sep-09
VJNON-MAGNETIC VISHAY-VJNON-MAGNETIC Datasheet
187Kb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Epoxy Bonding)
05-Dec-16
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
09-Nov-2022
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
25-Mar-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com