Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NONMAGNETICREFSOLD Datasheet(PDF) 16 Page - Vishay Siliconix

Part # NONMAGNETICREFSOLD
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NONMAGNETICREFSOLD Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button NONMAGNETICREFSOLD Datasheet HTML 9Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 10Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 11Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 12Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 13Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 14Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 15Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 16Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
VJ Non-Magnetic Series for Reflow Soldering
www.vishay.com
Vishay Vitramon
Revision: 15-Jan-2021
16
Document Number: 45227
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Vishay Vitramon uses embossed plastic carrier tape
(2) Reference: EIA standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(3) n/a = not available
(4) Packaging code “T/R” and lower quantities can depend on product thickness
(5) Paper / plastic tape used by availability
STANDARD PACKAGING QUANTITIES (1)(2)(3)
CASE
CODE
TAPE
SIZE
7" REEL QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
PAPER TAPE
PACKAGING CODE
“C”
PLASTIC TAPE
PACKAGING CODE
“T”
LOW QUANTITY
PACKAGING CODE
“J” (5)
PAPER TAPE
PACKAGING CODE
“P”
PLASTIC TAPE
PACKAGING CODE
“R”
0402
8 mm
5000
n/a
1000
10 000
n/a
0603 (4)
8 mm
n/a
4000
1000
n/a
10 000
0805 (4)
8 mm
n/a
3000
1000
n/a
10 000
1206 (4)
8 mm
n/a
3000 / 2500
1000
n/a
10 000 / 9000
1210
8 mm
n/a
3000 / 2500 / 2000
1000
n/a
10 000 / 9000
1808
12 mm
n/a
2000
500
n/a
10 000
1812
12 mm
n/a
1000
500
n/a
4000
1825
12 mm
n/a
1000
500
n/a
4000
2220
12 mm
n/a
1000
500
n/a
4000
2225
12 mm
n/a
500
250
n/a
4000
3640
16 mm
n/a
500
n/a
n/a
n/a
STORAGE AND HANDLING CONDITIONS
(1) Store the components at +5 °C to +40 °C ambient temperature and
≤ 70 % relative humidity conditions.
(2) The product is recommended to be used within a time-frame of 2 years after shipment.
Check solderability in case extended shelf life beyond the expiry date is needed.
(3) For soldering conditions see Vishay Soldering Recommendations www.vishay.com/doc?45034.
Precautions:
a. Do not store products in an environment containing corrosive elements, especially where chloride gas, sulfide gas, acid, alkali, salt, or
the like are present. This may cause corrosion or oxidization of the terminations, which can easily lead to poor soldering.
b. Store products on the shelf and avoid exposure to moisture or dust.
c. Do not expose products to excessive shock, vibration, direct sunlight, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com