Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NONMAGNETICREFSOLD Datasheet(PDF) 10 Page - Vishay Siliconix

Part # NONMAGNETICREFSOLD
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NONMAGNETICREFSOLD Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button NONMAGNETICREFSOLD Datasheet HTML 6Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 7Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 8Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 9Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 10Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 11Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 12Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 13Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
VJ Non-Magnetic Series for Reflow Soldering
www.vishay.com
Vishay Vitramon
Revision: 15-Jan-2021
10
Document Number: 45227
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
•• Paper tape • Plastic tape
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ1808
VJ1812
CASE CODE
1808
1812
VOLTAGE (VDC)
25 50 100 200 500 630 1000 1500 2000 3000 25 50 75 100 200 250 500 630 1000 1500 2000 3000
VOLTAGE CODE
X
A
B
C
E
L
G
R
F
H
X
A
K
B
C
P
E
L
G
R
F
H
CAP. CODE
CAP.
221
220 pF
271
270 pF
471
470 pF
561
560 pF
681
680 pF
821
820 pF
102
1.0 nF
122
1.2 nF
152
1.5 nF
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
682
6.8 nF
822
8.2 nF
103
10 nF
123
12 nF
153
15 nF
183
18 nF
223
22 nF
273
27 nF
333
33 nF
393
39 nF
473
47 nF
563
56 nF
683
68 nF
823
82 nF
104
100 nF
124
120 nF
154
150 nF
184
180 nF
224
220 nF
274
270 nF
334
330 nF
394
390 nF
474
470 nF
564
560 nF
684
680 nF
824
820 nF
105
1.0 μF
125
1.2 μF
155
1.5 μF
185
1.8 μF
225
2.2 μF
275
2.7 μF
335
3.3 μF
395
3.9 μF
475
4.7 μF
565
5.6 μF
685
6.8 μF
825
8.2 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com