Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NONMAGNETICREFSOLD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NONMAGNETICREFSOLD
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NONMAGNETICREFSOLD Datasheet(HTML) 2 Page - Vishay Siliconix

  NONMAGNETICREFSOLD Datasheet HTML 1Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 2Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 3Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 4Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 5Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 6Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 7Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 8Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
VJ Non-Magnetic Series for Reflow Soldering
www.vishay.com
Vishay Vitramon
Revision: 15-Jan-2021
2
Document Number: 45227
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Detail ratings see “Selection Chart”
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
C0G (NP0)
0402
100
1.0 pF
180 pF
0603
200
1.0 pF
1.5 nF
0805
500
1.0 pF
3.3 nF
1206
600
1.0 pF
10 nF
1210
500
1.0 pF
12 nF
1808
3000
27 pF
10 nF
1812
3000
27 pF
22 nF
1825
1000
15 pF
33 nF
2220
1000
100 pF
33 nF
2225
1000
120 pF
39 nF
X5R
0402
16
27 nF
47 nF
0603
6.3
120 nF
150 nF
X7R
0402
100
100 pF
22 nF
0603
100
270 pF
100 nF
0805
200
390 pF
390 nF
1206
500
680 pF
1.0 μF
1210
500
1.0 nF
1.0 μF
1808
3000
220 pF
270 nF
1812
3000
270 pF
1.0 μF
1825
1000
10 nF
2.7 μF
2220
3000
1.0 nF
2.2 μF
2225
2000
5.6 nF
4.7 μF
3640
500
15 nF
6.8 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com