Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NONMAGNETICREFSOLD Datasheet(PDF) 8 Page - Vishay Siliconix

Part # NONMAGNETICREFSOLD
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Non-Magnetic Applications (Reflow Soldering)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NONMAGNETICREFSOLD Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button NONMAGNETICREFSOLD Datasheet HTML 4Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 5Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 6Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 7Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 8Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 9Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 10Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 11Page - Vishay Siliconix NONMAGNETICREFSOLD Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
VJ Non-Magnetic Series for Reflow Soldering
www.vishay.com
Vishay Vitramon
Revision: 15-Jan-2021
8
Document Number: 45227
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
•• Paper tape • Plastic tape
(1) See selection chart for values only available as X5R. All other values X7R
SELECTION CHART
DIELECTRIC
X7R / X5R (1)
STYLE
VJ0402
VJ0603
VJ0805
CASE CODE
0402
0603
0805
VOLTAGE (VDC)
6.3
10
16
25
50 100
6.3
10
16
25
50
100
10
16
25
50
100
200
VOLTAGE CODE
Y
Q
J
X
A
B
Y
Q
J
X
A
B
Q
J
X
A
B
C
CAP. CODE
CAP.
101
100 pF
••
••
••
••
••
••
121
120 pF
••
••
••
••
••
••
151
150 pF
••
••
••
••
••
••
181
180 pF
••
••
••
••
••
••
221
220 pF
••
••
••
••
••
••
271
270 pF
••
••
••
••
••
••
331
330 pF
••
••
••
••
••
••
391
390 pF
••
••
••
••
••
••
471
470 pF
••
••
••
••
••
••
561
560 pF
••
••
••
••
••
••
681
680 pF
••
••
••
••
••
••
821
820 pF
••
••
••
••
••
••
102
1.0 nF
••
••
••
••
••
••
122
1.2 nF
••
••
••
••
••
••
152
1.5 nF
••
••
••
••
••
••
182
1.8 nF
••
••
••
••
••
••
222
2.2 nF
••
••
••
••
••
••
272
2.7 nF
••
••
••
••
••
••
332
3.3 nF
••
••
••
••
••
••
392
3.9 nF
••
••
••
••
••
••
472
4.7 nF
••
••
••
••
••
••
562
5.6 nF
••
••
••
••
••
682
6.8 nF
••
••
••
••
••
822
8.2 nF
••
••
••
••
••
103
10 nF
••
••
••
••
••
123
12 nF
••
••
••
••
153
15 nF
••
••
••
••
183
18 nF
••
••
••
223
22 nF
••
••
••
273
27 nF
X5R •• X5R •• X5R ••
333
33 nF
X5R •• X5R •• X5R ••
393
39 nF
X5R ••
473
47 nF
X5R ••
563
56 nF
683
68 nF
823
82 nF
104
100 nF
124
120 nF
X5R •
154
150 nF
X5R •
184
180 nF
224
220 nF
274
270 nF
334
330 nF
394
390 nF
474
470 nF
564
560 nF
684
680 nF
824
820 nF
105
1.0 μF
125
1.2 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com