Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 5 Page - STMicroelectronics

  ISO808 Datasheet HTML 1Page - STMicroelectronics ISO808 Datasheet HTML 2Page - STMicroelectronics ISO808 Datasheet HTML 3Page - STMicroelectronics ISO808 Datasheet HTML 4Page - STMicroelectronics ISO808 Datasheet HTML 5Page - STMicroelectronics ISO808 Datasheet HTML 6Page - STMicroelectronics ISO808 Datasheet HTML 7Page - STMicroelectronics ISO808 Datasheet HTML 8Page - STMicroelectronics ISO808 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Table 1. Pin description
Pin
Name
Description
1
N.C.
Not connected
2
VDD
Positive Control Logic Stage supply
3
OUT_EN
Output enable
4
SYNC
Input to output synchronization signal, active low
5
LOAD
Load input data signal, active low
6
IN1
Channel 1 input
7
IN2
Channel 2 input
8
IN3
Channel 3 input
9
IN4
Channel 4 input
10
IN5
Channel 5 input
11
IN6
Channel 6 input
12
IN7
Channel 7 input
13
IN8
Channel 8 input
14
FAULT
Common fault (OVT and Internal Communication Error) diagnostic pin - active low
15
GNDDD
Input logic ground, negative logic supply
16
NC
Not connected
17
NC
Not connected
18
NC
Not connected
19
GNDCC
Output power ground
20
NC
Not connected
21
OUT8
Channel 8 power output
22
23
OUT7
Channel 7 power output
24
25
OUT6
Channel 6 power output
26
27
OUT5
Channel 5 power output
28
29
OUT4
Channel 4 power output
30
31
OUT3
Channel 3 power output
32
33
OUT2
Channel 2 power output
34
35
OUT1
Channel 1 power output
36
TAB
VCC
Exposed tab internally connected to VCC positive Process Stage supply voltage
ISO808, ISO808-1
Pin
connection
DS14169 - Rev 1
page 5/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com