Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 9Page - STMicroelectronics ISO808 Datasheet HTML 10Page - STMicroelectronics ISO808 Datasheet HTML 11Page - STMicroelectronics ISO808 Datasheet HTML 12Page - STMicroelectronics ISO808 Datasheet HTML 13Page - STMicroelectronics ISO808 Datasheet HTML 14Page - STMicroelectronics ISO808 Datasheet HTML 15Page - STMicroelectronics ISO808 Datasheet HTML 16Page - STMicroelectronics ISO808 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Table 11. Insulation and safety-related specifications
Symbol
Parameter
Test conditions
Value Unit
CLR(1)
Clearance (minimum external air gap)
Measured from input terminals to output terminals,
shortest distance through air
2.6
mm
CPG
(1)
Creepage (minimum external tracking)
Measured from input terminals to output terminals,
shortest distance path along body
2.6
mm
CTI(2)
Comparative tracking index (tracking
resistance)
≥400
V
Isolation group
Material group
II
-
1. Creepage and clearance requirements should be applied according to the specific equipment isolation standard of an
application. Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the
mounting pads of the isolator on the PCB do not reduce this distance.
2. When high voltage is applied across the isolator, electric discharges on or close to the surface of the package, can cause
localized deterioration in the mold compound, resulting in a partially conducting path from one side of the isolator to the
other. This phenomenon is called tracking. The ability of a material to withstand tracking is quantified by a comparative
tracking index (CTI). Using a mold compound with a higher CTI allows the use of smaller packages and saves board space.
Table 12. Insulation characteristics
Symbol
Parameter
Test condition
Value
Unit
In accordance with IEC 60747-17
VPR
Input-to-output test voltage
Method a, type test,
tm = 10 s
partial discharge < 5 pC
1500
VPEAK
Method b, 100% production test,
tm = 1 s
partial discharge < 5 pC
1758
VPEAK
VIOTM
Transient overvoltage
Type test; tini = 60 s
3537
VPEAK
VIOSM
Maximum surge insulation voltage
Type test
3537
VPEAK
RIO
Insulation resistance
Type test
VIO = 500 V, TSTG = 60 s
>109
Ω
UL1577
VISO
Insulation withstand voltage
1 min. type test
2000/2830
VRMS/VPEAK
VISO test Insulation withstand test
1 s 100% production
2500/3537
VRMS/VPEAK
Common Mode Transient Immunity
dVISO/dt
CMTI
Type test at VCM = 500 V
±25
V/ns
ISO808, ISO808-1
Electrical characteristics
DS14169 - Rev 1
page 13/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com