Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 10Page - STMicroelectronics ISO808 Datasheet HTML 11Page - STMicroelectronics ISO808 Datasheet HTML 12Page - STMicroelectronics ISO808 Datasheet HTML 13Page - STMicroelectronics ISO808 Datasheet HTML 14Page - STMicroelectronics ISO808 Datasheet HTML 15Page - STMicroelectronics ISO808 Datasheet HTML 16Page - STMicroelectronics ISO808 Datasheet HTML 17Page - STMicroelectronics ISO808 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Table 13. Safety limits
Symbol
Parameter
Test conditions
Value Unit
Input safety, Logic side
TSI
Safety temperature of Logic side
-
150
°C
PSI
Safety power of Logic side(1)
VDD ≤ 6.0 V, VLOGIC(x) ≤ 6.0 V, ILOGIC(x) ≤ 10 mA, TJ ≤ TSI
0.9
W
Output safety, Process side
TSO
Safety temperature of Process side
-
150
°C
PSO
Safety power of Process side(1)
VCC ≤ 36 V, IOUT(x) ≤ 1.5 A, TJ ≤ TSO
5
W
1. Respecting the above limits prevents potential damage to the isolation barrier upon failure on logic or process side circuitry.
The user should apply these values to protect the IC and ensure the safety of the embedded isolation barrier. LOGIC(x)
stands for any pin on the logic side; OUT(x) stands for any of the 8 output pins on the process side.
ISO808, ISO808-1
Electrical characteristics
DS14169 - Rev 1
page 14/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com