Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 1 Page - STMicroelectronics

  ISO808 Datasheet HTML 1Page - STMicroelectronics ISO808 Datasheet HTML 2Page - STMicroelectronics ISO808 Datasheet HTML 3Page - STMicroelectronics ISO808 Datasheet HTML 4Page - STMicroelectronics ISO808 Datasheet HTML 5Page - STMicroelectronics ISO808 Datasheet HTML 6Page - STMicroelectronics ISO808 Datasheet HTML 7Page - STMicroelectronics ISO808 Datasheet HTML 8Page - STMicroelectronics ISO808 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Features
•
VCC(AMR) = 45 V
•
Wide process side op. range VCC = 9.2 to 36 V
•
RDS(on) = 0.125 Ω per channel (TYP)
•
Fast demagnetization of inductive loads VDEMAG(TYP) = VCC - 54 V
•
Per channel process side op. current
–
ISO808 IOUT < 0.7 A
–
ISO808-1 IOUT < 1 A
•
Low process and logic sides supply current
•
Under-voltage shut down with auto restart and hysteresis
•
Logic side 5 V and 3.3 V TTL/CMOS and MCU compatible I/Os
•
Common output enable/disable pin
•
Reset function for IC outputs disable
•
High common mode transient immunity
•
Short circuit protection on output channels
–
ISO808 ILIM(MIN) = 0.7 A
–
ISO808 ILIM(MIN) = 1 A
•
Per-channel over-temperature protection with thermal independence of
separate channels
•
Case over-temperature protection
•
Over-voltage protection (VCC clamping)
•
Loss of GND and VCC protections
•
Common fault open drain diagnostic
•
Designed to meet IEC 61000-4-2, IEC 61000- 4-4, IEC 61000-4-5 and IEC
61000-4-8
•
UL1577 and UL508 certified
•
PowerSO-36 Package
Applications
•
Programmable logic control
•
Industrial PC peripheral input/output
•
Numerical control machines
•
Drivers for all type of loads (resistive, capacitive, inductive)
Product status link
ISO808
ISO808-1
Product label
Galvanic isolated octal high-side power solid state relay for high inductive loads
ISO808, ISO808-1
Datasheet
DS14169 - Rev 1 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ISO808

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
ISO808A STMICROELECTRONICS-ISO808A Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
Rev 1 - December 2022
ISO808A-1 STMICROELECTRONICS-ISO808A-1 Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
Rev 1 - December 2022
ISO808ATR STMICROELECTRONICS-ISO808ATR Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
Rev 1 - December 2022
ISO808ATR-1 STMICROELECTRONICS-ISO808ATR-1 Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
Rev 1 - December 2022
More results

Similar Description - ISO808

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP-32 STMICROELECTRONICS-VNI8200XP-32 Datasheet
2Mb / 43P
Octal high-side smart power solid-state relay with serial
24-Aug-2015
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
Galvanic Isolated Latching 60V Solid State Relay
logo
STMicroelectronics
ISO808A STMICROELECTRONICS-ISO808A Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
Rev 1 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com