Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 4Page - STMicroelectronics ISO808 Datasheet HTML 5Page - STMicroelectronics ISO808 Datasheet HTML 6Page - STMicroelectronics ISO808 Datasheet HTML 7Page - STMicroelectronics ISO808 Datasheet HTML 8Page - STMicroelectronics ISO808 Datasheet HTML 9Page - STMicroelectronics ISO808 Datasheet HTML 10Page - STMicroelectronics ISO808 Datasheet HTML 11Page - STMicroelectronics ISO808 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
5
Electrical characteristics
9.2 V ≤ VCC ≤ 36 V; 2.75 V ≤ VDD ≤ 5.5 V; -40 °C < TJ < 125 °C, unless otherwise specified.
Table 4. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VCC
Operating voltage range
9.2
36
V
VCC(THON) VCC undervoltage turn-on threshold
VDD = 3.3 V, VCC increasing
8.4
9.2
V
VCC(THOFF) VCC undervoltage turn-off threshold
VDD= 3.3 V, V CC decreasing
7.7
8.1
V
VCC(HYS)
VCC undervoltage hysteresis
0.15
V
VCCclamp
Clamp on VCC pin
Iclamp = 20 mA
47
52
57
V
RDS(ON)
ON state resistance (see Figure 3)
IOUT = 0.5 A, TJ = 25 °C
0.125
0.16
Ω
IOUT = 0.5 A, TJ = 125 °C
0.26
ICC
Power supply current
All channels in OFF state, VCC = 36 V
5.5
mA
All channels in ON state, VCC = 36 V
16
ILGND
Ground disconnection output current
VCC = VGND = 0 V, VOUT = -24 V
500
μA
VOUT(OFF)
OFF state output voltage
Channel OFF and IOUT = 0 A
3
V
IOUT(OFF)
OFF state output current
Channel OFF and VOUT = 0 V
5
μA
Table 5. Digital supply voltage
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VDD
Operating voltage range
2.75
5.5
V
VDD(THON) VDD undervoltage turn-on threshold VCC = 24 V, VDD increasing
2.55
2.75
V
VDD(THOFF) VDD undervoltage turn-off threshold VCC = 24V, V DD decreasing
2.45
2.65
V
VDD(HYS)
VDD undervoltage hysteresis
0.04 0.1
V
IDD
VDD supply current
VDD = 5 V and input channel with a steady logic
level
4.5
6
mA
VDD = 3.3 V and input channel with a steady logic
level
4.4
5.9
mA
ISO808, ISO808-1
Electrical characteristics
DS14169 - Rev 1
page 8/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com