Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 12Page - STMicroelectronics ISO808 Datasheet HTML 13Page - STMicroelectronics ISO808 Datasheet HTML 14Page - STMicroelectronics ISO808 Datasheet HTML 15Page - STMicroelectronics ISO808 Datasheet HTML 16Page - STMicroelectronics ISO808 Datasheet HTML 17Page - STMicroelectronics ISO808 Datasheet HTML 18Page - STMicroelectronics ISO808 Datasheet HTML 19Page - STMicroelectronics ISO808 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
6.1.4
Watchdog
The IC is composed by two chips (Logic Stage and Process Stage) supplied by two independent and galvanic
isolated sources (VDD/GNDDD and VCC/GNDCC pins, respectively). The IC provides a watchdog function in order
to guarantee a safe condition for the Process Stage when VDD (or GNDDD) supply voltage is missing. If the Logic
Stage does not update the output status within tWD, all the outputs of the Process Stage are disabled until a new
update request is received. The Logic Stage chip periodically sends a refresh signal to the Process Stage chip.
The refresh signal is also considered a valid update signal to reset the timeout counter on the Process Stage, so
the isolated side watchdog does not protect the system from a failure of the host controller (e.g., MCU freezing).
Figure 7. Watchdog behavior
6.1.5
Output enable (OUT_EN)
This pin provides a fast way to disable all the outputs simultaneously. When the OUT_EN pin is driven low for at
least tW(OUT_EN), all eight outputs are disabled. This timing execution is compatible with an external reset push
from the operator, safety requirements, and permits, in a PLC system, a micro-controller polling for obtain all
internal information during a reset procedure.
Figure 8. OUT_EN without effect on output
Figure 9. OUT_EN effective on output channel
ISO808, ISO808-1
Parallel interface
DS14169 - Rev 1
page 16/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com