Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 16Page - STMicroelectronics ISO808 Datasheet HTML 17Page - STMicroelectronics ISO808 Datasheet HTML 18Page - STMicroelectronics ISO808 Datasheet HTML 19Page - STMicroelectronics ISO808 Datasheet HTML 20Page - STMicroelectronics ISO808 Datasheet HTML 21Page - STMicroelectronics ISO808 Datasheet HTML 22Page - STMicroelectronics ISO808 Datasheet HTML 23Page - STMicroelectronics ISO808 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
6.4
FAULT indication
The FAULT pin is an active low open drain output indicating fault conditions. This pin is activated when at least
one of the following conditions occurs:
•
Junction over-temperature (TJX >TJSD) of one or more channels of the Process Stage or case shut-down
protection (TC >TCSD) is active
•
Internal communication error.
The communication error is intended as an internal data corruption event in the data transfer through isolation. In
case of communication error, the outputs are initially kept in the previous status and then reset (turned off) at the
first communication error during data transfer of the refresh signal
6.4.1
Junction overtemperature
The thermal status of the device is updated during each transmission sequence between the two isolated stages.
In SCM operation, when LOAD signal is high and SYNC one is low, the communication between the two stages
is disabled. In this case the thermal status of the device cannot be updated, and the FAULT indication could be
different to the actual status. In any case, the thermal protections of the channel outputs in the Process Stage are
always operative.
Figure 15. Thermal status update
ISO808, ISO808-1
FAULT
indication
DS14169 - Rev 1
page 20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com