Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 8Page - STMicroelectronics ISO808 Datasheet HTML 9Page - STMicroelectronics ISO808 Datasheet HTML 10Page - STMicroelectronics ISO808 Datasheet HTML 11Page - STMicroelectronics ISO808 Datasheet HTML 12Page - STMicroelectronics ISO808 Datasheet HTML 13Page - STMicroelectronics ISO808 Datasheet HTML 14Page - STMicroelectronics ISO808 Datasheet HTML 15Page - STMicroelectronics ISO808 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Table 8. Logic inputs and output
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
LOAD, SYNC, INX and OUT_EN low level voltage
-0.3
0.3 x VDD
V
VIH
LOAD, SYNC, INX and OUT_EN high level voltage
0.7 x VDD
VDD
+0.3
V
VI(HYST) LOAD, SYNC, INX and OUT_EN hysteresis voltage
VDD = 5 V
100
mV
IIN
LOAD, SYNC, INX and OUT_EN current
VIN = 5 V
10
55
90
μA
Table 9. Parallel interface timings (VDD = 5 V; VCC = 24 V; -40 °C < TJ < 125 °C)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
tdis(SYNC) SYNC disable time
Sync. control mode
10
μs
tdis(DCM) SYNC, LOAD disable time
Direct control mode
80
ns
tw(SYNC) SYNC negative pulse width Sync. control mode
20
195
μs
tsu(LOAD) LOAD setup time
Sync. control mode
80
ns
th(LOAD) LOAD hold time
Sync. control mode
400
ns
tw(LOAD) LOAD pulse width
Sync. control mode
240
ns
tsu(IN)
Input setup time
80
ns
th(IN)
Input hold time
10
ns
tw(IN)
Input pulse width
Sync. control mode
160
ns
Direct control mode
20
μs
tINLD
IN to LOAD time
Direct control mode from IN variation to LOAD falling edge
80
ns
tLDIN
LOAD to IN time
Direct control mode from LOAD falling edge to IN variation
400
ns
tjitter(SCM)
Jitter on single channel
Sync. control mode
6
μs
tjitter(DCM)
Direct control mode
20
Table 10. Internal communication timings (VDD = 5 V; VCC = 24 V; -40 °C < TJ < 125 °C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
frefresh
Refresh delay
15
kHz
tWD
Watchdog time
272
320
400
μs
ISO808, ISO808-1
Electrical characteristics
DS14169 - Rev 1
page 12/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com