Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546A Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 8Page - Diodes Incorporated PI5USB2546A Datasheet HTML 9Page - Diodes Incorporated PI5USB2546A Datasheet HTML 10Page - Diodes Incorporated PI5USB2546A Datasheet HTML 11Page - Diodes Incorporated PI5USB2546A Datasheet HTML 12Page - Diodes Incorporated PI5USB2546A Datasheet HTML 13Page - Diodes Incorporated PI5USB2546A Datasheet HTML 14Page - Diodes Incorporated PI5USB2546A Datasheet HTML 15Page - Diodes Incorporated PI5USB2546A Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
12
© Diodes Incorporated
PI5USB2546A
Divider-1A, Divider-2A and Divider-2.4A Charging Scheme
There are two charging schemes supported by PI5USB2546A, Divider-1A, Divider-2A and Divider-2.4A as shown below. In
Divider-1A charging scheme the device applies 2.0V and 2.7V to D+ and D- data line respectively. This is reversed in Divider-
2A mode. Divider-2.4A charging scheme on PI5USB2546A is applying 2.7V on both D+ and D-..
Figure 2a, Divider-1A Charging Scheme
Figure 2b, Divider-2A Charging Scheme
Figure 2c, Divider-2.4A Charging Scheme
GND
USB
Connector
2.7V
1.2V
2.0V
CDP
Detect
Auto
Detect
D-
D+
D- OUT
D+OUT
PI5USB2546A
VBUS
USB
Host/Hub
GND
USB
Connector
2.0V
1.2V
2.7V
CDP
Detect
Auto
Detect
D-
D+
D- OUT
D+OUT
PI5USB2546A
VBUS
USB
Host/Hub
GND
USB
Connector
2.7V
1.2V
2.7V
CDP
Detect
Auto
Detect
D-
D+
D- OUT
D+OUT
PI5USB2546A
VBUS
USB
Host/Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com