Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546A Datasheet(PDF) 26 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 22Page - Diodes Incorporated PI5USB2546A Datasheet HTML 23Page - Diodes Incorporated PI5USB2546A Datasheet HTML 24Page - Diodes Incorporated PI5USB2546A Datasheet HTML 25Page - Diodes Incorporated PI5USB2546A Datasheet HTML 26Page - Diodes Incorporated PI5USB2546A Datasheet HTML 27Page - Diodes Incorporated PI5USB2546A Datasheet HTML 28Page - Diodes Incorporated PI5USB2546A Datasheet HTML 29Page - Diodes Incorporated PI5USB2546A Datasheet HTML 30Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
26
© Diodes Incorporated
PI5USB2546A
Current-Limit Settings
The PI5USB2546A series have two independent current limit settings that are each programmed externally with a resistor. The
ILIM_HI setting is programmed with RILIM_HI connected between ILIM_HI and GND. The ILIM_LO setting is programmed
with RILIM_LO connected between ILIM_LO and GND. Consult the Device Truth Table to see when each current limit is used.
Both settings have the same relation between the current limit and the programming resistor. RILIM_LO is optional and the
ILIM_LO pin may be left unconnected if the following conditions are met:
1.
ILIM_SEL is always set high
2.
Load Detection - Port Power Management is not used
The following equation programs the typical current limit:
IOS_TYP (mA)=50250/RLIM_xx (kΩ)
RILIM_XX corresponds to either RILIM_HI or RILIM_LO as appropriate.
Many applications require that the current limit meet specific tolerance limits. When designing to these tolerance limits, both
the tolerance of the PI5USB2546A current limit and the tolerance of the external programming resistor must be taken into
account. The following equations approximate the PI5USB2546A minimum / maximum current limits to within a few mA and
are appropriate for design purposes. These equations assume an ideal – no variation - external programming resistor. To take
resistor tolerance into account, first determine the minimum /maximum resistor values based on its tolerance specifications and
use these values in the equations. Because of the inverse relation between the current limit and the programming resistor, use
the maximum resistor value in the IOS_MIN equation and the minimum resistor value in the IOS_MAX equation.
IOS_MIN (mA)=45271/(RLIM_xx (kΩ))
0.98437-30
IOS_MAX (mA) =55325/ (RLIM_xx (kΩ))
1.0139+30
The traces routing the RILIM_XX resistors should be a sufficiently low resistance as to not affect the current-limit accuracy. The
ground connection for the RILIM_XX resistors is also very important. The resistors need to reference back to the PI5USB2546A
GND pin. Following normal board layout practices to ensure that current flow from other parts of the board does not impact the
ground potential between the resistors and the PI5USB2546A GND pin.
/FAULT Response
The /FAULT open-drain output is asserted (active low) when an over-temperature or current limit condition. The output
remains asserted until the fault condition is removed. The PI5USB2546A series is designed to eliminate false /FAULT
reporting by using an internal deglitch circuit for current limit conditions without the need for external circuitry. This ensures
that /FAULT is not accidentally asserted due to normal operation such as starting into a heavy capacitive load. Over-
temperature conditions are not deglitched and assert the /FAULT signal immediately.
Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO turn on threshold.
Built-in hysteresis prevents unwanted oscillations on the output due to input voltage drop from large current surges.
Thermal Sense
The PI5USB2546A series protects itself with thermal sensing circuit that monitor the operating temperature of the power
distribution switch and disables operation if the temperature exceeds recommended operating conditions. The device operates in
constant-current mode during an over-current condition, which increases the voltage drop across power switch. The power
dissipation in the package is proportional to the voltage drop across the power switch, so the junction temperature rises during
an over-current condition. The thermal sensor turns off the power switch when the die temperature exceeds 170°C regardless of
whether the power switch is in current limit. Hysteresis is built into thermal sensor, and the switch turns on after the device has
cooled by approximately 20°C. The switch continues to cycle off and on until the fault is removed. The open-drain false
reporting output /FAULT is asserted (active low) when an over-temperature shutdown condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com