Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546A Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 9Page - Diodes Incorporated PI5USB2546A Datasheet HTML 10Page - Diodes Incorporated PI5USB2546A Datasheet HTML 11Page - Diodes Incorporated PI5USB2546A Datasheet HTML 12Page - Diodes Incorporated PI5USB2546A Datasheet HTML 13Page - Diodes Incorporated PI5USB2546A Datasheet HTML 14Page - Diodes Incorporated PI5USB2546A Datasheet HTML 15Page - Diodes Incorporated PI5USB2546A Datasheet HTML 16Page - Diodes Incorporated PI5USB2546A Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
13
© Diodes Incorporated
PI5USB2546A
DCP-1.2V Charging Scheme
DCP-1.2V charging scheme is used by some handheld devices to enable fast charging at 2.0A. PI5USB2546A series supports
this scheme in the DCP-Auto mode before the device enters BC1.2 shorted mode. To simulate this charging scheme D+/D-
lines are shorted and pulled-up to 1.2V for fixed duration then device moves to DCP shorted mode as defined in BC1.2 spec.
This is shown as Figure 3.
Figure 3, DCP-1.2V Charging Scheme
DCP Auto Mode
As mentioned above the PI5USB2546A integrates an auto-detect state machine that supports all the above DCP charging
schemes. It starts in Divider-1A scheme, however if a BC1.2 or YD/T 1591-2009 compliant device is attached, the
PI5USB2546A responds by discharging OUT, turning back on the power switch and operating in 1.2Vmode briefly and then
moving to BC1.2 DCP mode. It then stays in that mode until the device releases the data line, in which case it goes back to
Divider-1A scheme. When a Divider-1A compliant device is attached the PI5USB2546A series will stay in Divider-1A state.
Also, the PI5USB2546A series will automatically switch between the Divider-1A and Divider-2A (or Divider-2.4A) schemes
based on charging current drawn by the connected device. Initially the device will set the data lines to Divider-1A scheme. If
charging current of the device >900mA is measured by the PI5USB2546A series, it switches to Divider-2A scheme and test to
see if the peripheral device will still charge at a high current. If charging current of the device >1.8A is measured by
PI5USB2546A, it will switches to Divider-2.4A charging mode. If it does then it stays in Divider-2A or Divider-2.4A charging
scheme otherwise it will revert to Divider-1A scheme.
Figure 4, DCP_Auto Mode
GND
USB
Connector
2.0V
1.2V
2.7V
CDP
Detect
Auto
Detect
D-
D+
D- OUT
D+OUT
PI5USB2546A
VBUS
USB
Host/Hub
D-
D+
PI5USB2546A
BC1.2 CDP
BC1.2 DCP
/DCP-1.2V
Divider-1A
/2A /2.4A
To
USB
2.0
Host
Controlled by
CTL pins settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com