Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546A Datasheet(PDF) 27 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 22Page - Diodes Incorporated PI5USB2546A Datasheet HTML 23Page - Diodes Incorporated PI5USB2546A Datasheet HTML 24Page - Diodes Incorporated PI5USB2546A Datasheet HTML 25Page - Diodes Incorporated PI5USB2546A Datasheet HTML 26Page - Diodes Incorporated PI5USB2546A Datasheet HTML 27Page - Diodes Incorporated PI5USB2546A Datasheet HTML 28Page - Diodes Incorporated PI5USB2546A Datasheet HTML 29Page - Diodes Incorporated PI5USB2546A Datasheet HTML 30Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
27
© Diodes Incorporated
PI5USB2546A
Application Information
Input and Output Capacitance
Input and output capacitance improves the performance of the device; the actual capacitance should be optimized for the particular
application. For all applications, a 0.1uF or greater ceramic bypass capacitor between IN and GND is recommended as close to the
device as possible for local noise decoupling. This precaution reduces ringing on the input due to power-supply transients.
Additional input capacitance may be needed on the input to reduce voltage overshoot from exceeding the absolute-maximum
voltage of the device during heavy transient conditions or output shorting. This is especially important during bench testing when
long inductive cables are used to connect the evaluation board to the bench power supply. Normally suggested the distance
between IC and DC supply is less than 15cm.
Output capacitance also needs to be close to IC as possible. When large transient currents are expected on the output, placing a
high-value electrolytic capacitor on the output pin is recommended.
Layout Design Guideline
1.
The PCB is suggested to use at least 4 layers
2.
The high speed differential pair should be maintain 90Ω
3.
Do not route the high speed signal over any split plane
4.
Minimized the number of vias and corners on the high speed trace for reducing the signal reflections and impedance
changes
5.
If it’s necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This can reduces reflections on
the signal by minimizing impedance discontinuities.
6.
The high speed trace should be routed symmetrically and parallelism (including the test points on the high speed trace).
The non-parallelism trace will cause the impedance discontinuities and affect the signal quality
7.
Avoid any unnecessary stubs on the differential pair. The stubs will introduce the signal reflections which affect the signal
quality
8.
Avoid routing the high speed differential pair under the crystal, oscillator, clock synthesizer, magnetic devices or ICs to
cause the interference.
9.
Avoid anti-etch on the GND plane
Typical Application Circuit
PI5USB2546A Typical Application Circuit
ILIM_SEL
EN
STATUS#
FAULT#
USB Host
VBUS_OUT
R1
80.6k
R2
18k
U1
PI5USB2546AZHE@TQFN16
IN
1
DM_OUT
2
3
DP_OUT
ILIM_SEL
4
STATUS#
9
DP_IN
10
DM_IN
11
OUT
12
USB
Connector
Differential
C1
0.1uF
R3
10k
C3
120uF
C2
10uF
VBUS_IN
VBUS
D-
D+
GND
DC Power
BUS
R4
10k
uP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com