Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546A Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 11Page - Diodes Incorporated PI5USB2546A Datasheet HTML 12Page - Diodes Incorporated PI5USB2546A Datasheet HTML 13Page - Diodes Incorporated PI5USB2546A Datasheet HTML 14Page - Diodes Incorporated PI5USB2546A Datasheet HTML 15Page - Diodes Incorporated PI5USB2546A Datasheet HTML 16Page - Diodes Incorporated PI5USB2546A Datasheet HTML 17Page - Diodes Incorporated PI5USB2546A Datasheet HTML 18Page - Diodes Incorporated PI5USB2546A Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
15
© Diodes Incorporated
PI5USB2546A
Device Operation
Please refer to the simplified device state diagram below. Power-on-reset (POR) holds device in initial state while output is held
in discharge mode. Any POR event will take the device back to initial state. After POR clears, device goes to the next state
depending on the CTL1, CTL2, CTL3 and ILIM_SEL lines as shown Figure 5.
Figure 5, PI5USB2546A Charging States
Output Discharge
To allow a charging port to renegotiate current with a portable device, PI5USB2546A uses the OUT discharge function. It
proceeds by turning off the power switch while discharging OUT, then turning back on the power switch to reassert the OUT
voltage. This discharge function is automatically applied as shown in device state diagram.
DCP Forced (DCP
Shorted or Divider-
1A)
Sample
CTL
PinsDisc
Reset
Discharge
SDP1
CDP
SDP2
SDP2
(1110)
DCH
Not SDP1
CDP
(1111)
SDP1
(111x/
010x)
CDP
(1111)
SDP2
(1110)
DCH
Done
DCP_Short
Divider-1A
DCH/SDP/CDP
DCP Auto (DCP Shorted
/DCP-1.2V
/ Divider-1A/2A/2.4A)
DCP_Shorted/
Divider-1A
DCP_Auto
DCH/SDP/CDP
Note:
1)
All shaded boxed are device charging modes.
2)
See below table for CTL settings corresponding to flow
line conditions
Device Control Pins
Flow Line Condition
CTL1 CTL2CTL3ILIM_SEL
DCH(Discharge)
0
0
0
x
CDP
1
1
1
1
SDP2(No Discharge
from/to CDP)
1
1
1
0
SDP1(Discharge
from/to any charging
state including CDP)
1
1
0
x
0
1
0
x
DCP_Short
1
0
0
x
DCP/Divider-1A
1
0
1
x
DCP_Auto
0
1
1
x
0
0
1
x
DCP_Auto
Not SDP2
or CDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com