Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546A Datasheet(PDF) 20 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 16Page - Diodes Incorporated PI5USB2546A Datasheet HTML 17Page - Diodes Incorporated PI5USB2546A Datasheet HTML 18Page - Diodes Incorporated PI5USB2546A Datasheet HTML 19Page - Diodes Incorporated PI5USB2546A Datasheet HTML 20Page - Diodes Incorporated PI5USB2546A Datasheet HTML 21Page - Diodes Incorporated PI5USB2546A Datasheet HTML 22Page - Diodes Incorporated PI5USB2546A Datasheet HTML 23Page - Diodes Incorporated PI5USB2546A Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
20
© Diodes Incorporated
PI5USB2546A
Figure 6, PI5USB2546A Power Wake flow chart
Load being Charged
 PI5USB2546A is asserting power wake
 System power is at its full capability
 Load can charge at high current
 PI5USB2546A monitors port to detect when
charging load is done charging or removed
Charging Load Detected
PI5USB2546A is asserting power wake
System power turns on to its full power State
Load Vbus is held low for 2s to give the power
system time to turn on before the load tries to
pull charging current again.
Charging Load Not Detected
PI5USB2546A is not asserting power wake
System power is in a low power state to save energy.
PI5USB2546A monitors port to detect when charging load
is attached and tries to charge
Case 1 Load Detected
--------------------------------------
Power Wake Asserted
/STATUS=0
Current Limit=ILMI_HI setting
OUT Discharge
---------------------------------------
OUT Discharge Power Wake Asserted
/STATUS=0
Current Limit=55mA
Case 2A&2B (No Load Detected)
---------------------------------------------------
Power Wake D-asserted
/STATUS=1
Current Limit=55mA
Load Current<45mA for
15s (Not Charging)
Load Current>55mA
(Charging Current Detected)
Discharge >2s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com