Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546A Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 13Page - Diodes Incorporated PI5USB2546A Datasheet HTML 14Page - Diodes Incorporated PI5USB2546A Datasheet HTML 15Page - Diodes Incorporated PI5USB2546A Datasheet HTML 16Page - Diodes Incorporated PI5USB2546A Datasheet HTML 17Page - Diodes Incorporated PI5USB2546A Datasheet HTML 18Page - Diodes Incorporated PI5USB2546A Datasheet HTML 19Page - Diodes Incorporated PI5USB2546A Datasheet HTML 20Page - Diodes Incorporated PI5USB2546A Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
17
© Diodes Incorporated
PI5USB2546A
USB Low-Speed / Full-Speed Device Recognition
PI5USB2546A series is capable of detecting LS or FS device attachment when PI5USB2546A is in SDP or CDP mode. Per
USB spec when no device is attached, the D+ and D- lines are near ground level. When a low speed compliant device is
attached to the PI5USB2546A charging port, D- line will be pulled high in its idle state (mouse/keyboard not activated).
However when a FS device is attached the opposite is true in its idle state, i.e. D+ is pulled high and D- remains at ground level.
PI5USB2546A monitors both D+ and D- lines while CTL pin settings are in CDP or SDP mode to detect LS or FS HID device
attachment. To support HID sleep wake, PI5USB2546A must first determine that it is attached to a LS or FS device when
system is in S0 power state. PI5USB2546A does this as described above. While supporting a LS HID wake is straight forward,
supporting FS HID requires making a distinction between a FS and a HS device. This is because a high speed device will
always present itself initially as a full speed device (by a 1.5K pull up resistor on D+). The negotiation for high speed then
makes the distinction whereby the 1.5K pull up resistor gets removed.
PI5USB2546A handles the distinction between a FS and HS device at connect by memorizing if the D+ line goes low after
connect. A HS device after connect will always undergo negotiation for HS which will require the 1.5KΩ resistor pull-up on
D+ to be removed. To memorize a FS device, PI5USB2546A requires the device to remain connected for at least 11 sec while
system is in S0 mode before placing it in sleep or S3 mode. If system is placed in sleep mode earlier than the 11 sec window, a
FS device may not get recognized and hence could fail to wake system from S3. This requirement does not apply for LS device.
No CTL Pin Timing Requirement after Wake Event and Transition from S3 to S0
There is no CTL pin timing requirement for the PI5USB2546A when the wake configured USB device wakes the system from
S3 back to S0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com