Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2546A Datasheet(PDF) 25 Page - Diodes Incorporated

Part # PI5USB2546A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546A Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button PI5USB2546A Datasheet HTML 21Page - Diodes Incorporated PI5USB2546A Datasheet HTML 22Page - Diodes Incorporated PI5USB2546A Datasheet HTML 23Page - Diodes Incorporated PI5USB2546A Datasheet HTML 24Page - Diodes Incorporated PI5USB2546A Datasheet HTML 25Page - Diodes Incorporated PI5USB2546A Datasheet HTML 26Page - Diodes Incorporated PI5USB2546A Datasheet HTML 27Page - Diodes Incorporated PI5USB2546A Datasheet HTML 28Page - Diodes Incorporated PI5USB2546A Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
PI5USB2546A
www.diodes.com
July 2018
Document Number DS41265 Rev 1-2
25
© Diodes Incorporated
PI5USB2546A
CDP/SDP Auto Switch
PI5USB2546A series is equipped with a CDP/SDP auto-switch feature to support some popular phones in the market that are
not compliant to the BC1.2 specification, as they fail to establish data connection in CDP mode. These phones use primary
detection (used to distinguish between an SDP and different types of Charging Ports) to only identify ports as SDP (data / no
charge) or DCP (no data / charge). They do not recognize CDP (data /charge) ports. When connected to a CDP port, these
phones classify the port as a DCP and will only charge. Since charging ports are configured as CDP when the computer is in S0,
users do not get the expected data connection.
To remedy this problem PI5USB2546A series employs a CDP/SDP Auto Switch scheme to ensure these BC1.2 non-compliant
phones will establish data connection by following below steps:
The PI5USB2546A will determine when a non-compliant phone has wrongly classified a CDP port as a DCP port and
has not made a data connection
The PI5USB2546A will then automatically do a OUT (VBUS) discharge and reconfigure the port as an SDP
This allows the phone to discover it is now connected to an SDP and establish a data connection
The PI5USB2546A will then switch automatically back to CDP without doing an OUT (VBUS) discharge
The phone will continue to operate like it is connected to a SDP since OUT (VBUS) was not interrupted
The port is now ready in CDP if a new device is attached
Over-Current Protection
When an over-current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Two possible overload conditions can occur. In the first condition, the output has been shorted before the device is
enabled or before VIN has been applied. The PI5USB2546A senses the short and immediately switches into a constant-current
output. In the second condition, a short or an overload occurs while the device is enabled. At the instant the overload occurs,
high currents may flow for nominally one to two microseconds before the current-limit circuit can react. The device operates in
constant-current mode after the current-limit circuit has responded. Complete shutdown occurs only if the fault is presented
long enough to activate thermal limiting. The device will remain off until the junction temperature cools approximately 20°C
and will then re-start. The device will continue to cycle on/off until the over-current condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com