Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022V20WS11 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM4022V20WS11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
EM4022
Power storage capacitor calculation
The global current consumption of the device defines the
external storage capacitor.
When the device modulate, the supply voltage is picked
from the supply capacitor and should never decrease
under the falling edge of the power on reset (VPONF). If
this occurs, the device goes in a reset mode and any
data transmission is aborted. The worst case for the
storage capacitor calculation is when the device is put in
the electromagnetic field. At this moment the supply
reaches the VPONR and start to modulate. During
modulation the power store in the capacitor must be high
enough so that at the end of the modulation the supply is
higher than VPORF.. This means that the voltage reduction
on the capacitor must be less than the hysteresis of the
power on reset (VPHYS).
And this when the chip has a supply voltage of around
the power on reset threshold
The total current consumption from the storage capacitor
is defined by the modulation current IMOD,
This current is the consumption of the power on reset
block, oscillator and the logic which work at a typical
frequency of 125KHz. The GAP current is also included
in this parameter.
The duration where this currents is present for the
capacitor calculation, is dependent of the data rate
Calculation example :
Below we define typical cases combinations :
FOSC = 125 KHz
VPHYS = 120 mV
IMOD = 9
µA
Data rate is 4 KBaud.
CPx
I
F
V
BaudRate
nF
MOD
OSC
HYS
=
==
−
−
**
**
**
*
**
*
* *
.
128 10
9 10
128 10
125 10 160 10
4 10
14 4
3
63
33
3
Of course, this value can be adapted to the
electromagnetic power and to the performances that
must be achieved. If a tag is put in a field within a short
time, the emitting power must be high enough to charge
up the capacitor.
The chip integrates a 140pF supply capacitor.
Block Diagram
Shunt
PON
VDD
VSS
GAP
N
P
C
R
TST
VDD
VDD
CG
RG
DG
D1
D3
D2
D4
OSC
CP
Q1
Q2
CR
M
COIL1
GAP
SI
XCLK TMC
VSS
VDD
COIL2
LOGIC
VSS VSS VSS
Fig. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com